PART |
Description |
Maker |
LA732ATTP101J330 LA732BTTP101J330 LA731JTTD101J330 |
Thick Film Linear Positive Tempco Thermistor
|
KOA Speer Electronics, Inc. KOA Speer Electronics, ...
|
MLT2ETTE MLT2ETTE101J3600 MLT2BTTE101J3600 |
linear positive tempco melf resistor
|
KOA Speer Electronics, Inc.
|
PJ7912CI PJ7912CZ PJ7925CZ PJ7900 PJ7900CI PJ7900C |
-12V Negative output voltage regulators -18V Negative output voltage regulators -9V Negative output voltage regulators -8V Negative output voltage regulators -6V Negative output voltage regulators -5V Negative output voltage regulators 15 V FIXED NEGATIVE REGULATOR, PSFM3 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:4; Connector Shell Size:32; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female 三端负输出电压调节器 GT 4C 4#8 SKT RECP 三端负输出电压调节器 GT 3C 3#12 SKT RECP LINE 三端负输出电压调节器 3-Terminal Negative Output Voltage Regulators 三端负输出电压调节器 From old datasheet system
|
Electronic Theatre Controls, Inc. HIROSE ELECTRIC Co., Ltd. Promax-Johnton ETC[ETC] List of Unclassifed Manufacturers
|
LC7137 LC7131 LC7136 LC7135 |
CMOS LSI PLL FREQUENCY SYNTHSIZER LSI FOR 27MHz CB TRANSCEIVERS 的CMOS大规模集成电路锁相环频率SYNTHSIZER大规模集成电路的27MHz的文件收发器 THERMISTOR, NTC, SMD; Thermistor type:NTC; Resistance:330kR; Tolerance, resistance: /-5%; Beta value:4015; Temperature, lower limit, beta value:25
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
MCP9701T-E_TT MCP9700A-E_LT MCP9700A-E_TO MCP9700A |
ANALOG TEMP SENSOR-VOLTAGE, 6Cel, RECTANGULAR, SURFACE MOUNT Low-Power Linear Active Thermistor?/a> ICs Low-Power Linear Active Thermistor ICs Low-Power Linear Active Thermistor垄芒 ICs Low-Power Linear Active Thermistor?ICs
|
Microchip Technology
|
AD549J 05F6971 AD549JH |
Ultralow Input Bias Current Operational Amplifier IC-ELECTROMETER AMPLIFIER 集成电路静电计放大器 THERMISTOR, PTC; Series:B598; Thermistor type:PTC; Resistance:15R; Tolerance, resistance: /-25%; Temp, op. max:125(degree C); Voltage, operating:265V; Case style:Radial; Current, tripping:0.28A; Diameter, body:11mm; Length, RoHS Compliant: Yes
|
Analog Devices, Inc. ANALOG DEVICES INC
|
NJM7900 NJM7900FA NJM7905FA NJM7918FA NJM7912FA NJ |
3-Terminal Negative Voltage Regulator(-8V锛?绔???靛?绋冲??? 3-TERMINAL NEGAYIVE VOLTAGE REGULATOR 3-Terminal Negative Voltage Regulator(-5V端负电压稳压 RING/HI-TEMP KRIMPTITE (C-U-128-10) Negative Fixed Voltage Regulator 负固定电压稳压器 3-Terminal Negative Voltage Regulator(-12V锛?绔???靛?绋冲???
|
NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|
IP3R17AK-05 IP3R17AK-12 IP3R17AK-15 IP1R1705-G IP1 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3126; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Crimp; Circular Shell Style:Straight Plug RoHS Compliant: No 3 AMP FIXED NEGATIVE VOLTAGE REGULATORS 5 V FIXED NEGATIVE REGULATOR, MBFM2 GIGATRUE 550 CAT PATCH CABLE NO BOOT 7FT BEIGE 12 V FIXED NEGATIVE REGULATOR, MBFM2 3 AMP Fixed Negative Voltage Regulator(3 A 12V负稳压器) Analog IC Negative Fixed Voltage Regulator 负固定电压稳压器
|
SEMELAB LTD TT electronics Semelab, Ltd. Semelab(Magnatec) TT electronics Semelab Limited SEME-LAB[Seme LAB] NXP Semiconductors N.V.
|
WS57C49C WS57C49C-25D WS57C49C-25J WS57C49C-25S WS |
THERMISTOR, NTC; Series:B572; Thermistor type:NTC; Resistance:5R; Tolerance, resistance:20%; Beta value:2900; Temperature, lower limit, beta value:25(degree C); Temperature, upper limit, beta value:100(degree C); Case RoHS Compliant: Yes CURRENT LIMITER INRSH 33 OHM 20% THERMISTOR, NTC; Series:B572; Thermistor type:NTC; Resistance:2.5R; Tolerance, resistance: /-20%; Beta value:2800; Temperature, lower limit, beta value:25(degree C); Temperature, upper limit, beta value:100(degree C); Temp, op. RoHS Compliant: Yes CURRENT LIMITR INRSH 4.7 OHM 20% CURRENT LIMITR INRSH 2.5 OHM 20% 高K的8的CMOS胎膜早破/ RPROM HIGH SPEED 8K x 8 CMOS PROM/RPROM 高K的8的CMOS胎膜早破/ RPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
MC79M12BDTG MC79M12BTG MC79M12BDTRKG |
500 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, PSSO2 500 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, SFM3
|
ON Semiconductor
|
KA7908TU |
3-Terminal 1A Negative Voltage Regulator; Package: TO-220; No of Pins: 3; Container: Rail 8 V FIXED NEGATIVE REGULATOR, PSFM3
|
Fairchild Semiconductor, Corp.
|